Part Number Hot Search : 
SDZ13VG ULLGA8 MAX1912 TND524VS 5KE200A ZXSC440 2SA201 MAX6602
Product Description
Full Text Search
 

To Download DSSK80-006BR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
DSSK 80-006BR
IFAV = 2x40 A VRRM = 60 V V F = 0.51 V
Power Schottky Rectifier
with common cathode
VRSM V 60
VRRM V 60
Type
A
C
A
ISOPLUS 247TM
DSSK 80-006BR
A C A Isolated back surface *
C = Cathode, A = Anode
Symbol IFRMS IFAV IFAV IFSM EAS IAR (dv/dt)cr TVJ TVJM Tstg Ptot FC VISOL Weight
Conditions TC = 120C; rectangular, d = 0.5 TC = 120C; rectangular, d = 0.5; per device TVJ = 45C; tp = 10 ms (50 Hz), sine IAS = 20 A; L = 100 H; TVJ = 25C; non repetitive VA =1.5 * VRRM typ.; f=10 kHz; repetitive
Maximum Ratings 70 40 80 600 20 2 tbd -55...+150 150 -55...+150 A A A A mJ A V/s C C C W N V~ g
Features * International standard package * Very low VF * Extremely low switching losses * Low IRM-values * Isolated and UL registered E153432 Applications * Rectifiers in switch mode power supplies (SMPS) * Free wheeling diode in low voltage converters Advantages * High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses
TC = 25C mounting force with clip 50/60 Hz, RMS, t = 1 minute, leads-to-tab typical
155 20...120 2500 6
Dimensions see Outlines.pdf Symbol IR VF Conditions VR = VRRM; TVJ = 25C VR = VRRM; TVJ = 100C IF = 40 A; IF = 40 A; IF = 80 A; TVJ = 125C TVJ = 25C TVJ = 125C 0.25 Characteristic Values typ. max. 22 200 0.51 0.55 0.74 0.8 mA mA V V V K/W K/W
RthJC RthCH
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2004 IXYS All rights reserved
1-1
427


▲Up To Search▲   

 
Price & Availability of DSSK80-006BR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X